Part Number Hot Search : 
AP1501 TA3S15E NTE7067 NTE7067 254851 ER107 TC322 TES75
Product Description
Full Text Search
 

To Download TS0MCF2PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS 0 M C F 2 P C
Description
TS0MCF2PC is a simple little CompactFlash that card takes your TYPE I
TM
CompactFlashTM Adapter Features
adapter
TM
* * * * * * * *
Converts Type I CompactFlash format
TM
Card into Type II PC Card
TM
CompactFlash
and makes it compatible with a standard Type
TM
Maintains full functionality of CompactFlash degradation in performance Use in any Notebook or PC Card Drive 100% CFA compliant High capacity, low power, high speed
Card with no
II PCMCIA slot. When installed, the CompactFlash card acts like
a small disk, using the high throughput of the PCMCIA bus to make CompactFlash
TM
transfers
a
quick and painless procedure.
True plug and play operation, transfer your data quickly and easily. Operation : 40 o C/10~95% Rel. humidity Storage : 40 o C/95% Rel. humidity
System Requirements
* Desktop or notebook computer with PCMCIA host connector
Placement
Dimensions
Side A B C D E F G Millimeters 85.60 0.200 54.00 0.100 3.30 0.100 10.50 0.300 1.27 0.050 41.91 0.050 5.00 0.100 Inches 3.373 0.008 2.126 0.004 0.130 0.004 0.414 0.012 0.050 0.002 1.651 0.002 0.197 0.004
Pin Identification
Symbol D0 ~ D15 A0 ~ A10 /CE1, /CE2 /OE, /WE /REG /IORD, /IOWR /CD1, /CD2 /IRQ, /IO16, RST /WAIT, SPRK, /STSG RFU VDD Reserved for Future Use +5V power input Function Data Bus (Bi-directional) Address Bus (Input) Card Enable (Input) Output / Write Enable (Input) Register Select (Input) I/O access (Input) Card Detect (Output) I/O Handshaking (Input/Output)
Transcend Information Inc.
1
TS0MCF2PC
68Pins Pinouts
Pin 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 Pin GND D3 D4 D5 D6 D7 /CE1 A10 /OE RFU A9 A8 RFU RFU /WE /IRQ VDD Pin 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 Pin RFU RFU RFU RFU A7 A6 A5 A4 A3 A2 A1 A0 D0 D1 D2 /IO16 GND Pin 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 Pin Name GND /CD1 D11 D12 D13 D14 D15 /CE2 RFU /IORD /IOWR RFU RFU RFU RFU RFU VDD Pin No. 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 Pin Name RFU RFU RFU RFU RFU RFU RST /WAIT RFU /REG SPKR /STSG D8 D9 D10 /CD2 GND No. Name No. Name No.
CompactFlashTM Adapter 50Pins Pinins
Pin 01 02 03 04 05 06 07 08 09 10 11 12 13 Pin VSS D3 D4 D5 D6 D7 /CE1 A10 /OE A9 A8 A7 VDD Pin 14 15 16 17 18 19 20 21 22 23 25 26 Pin A6 A5 A4 A3 A2 A1 A0 D0 D1 D2 VSS VSS Pin 27 28 29 30 31 32 33 34 35 36 38 39 Pin D11 D12 D13 D14 D15 /CE2 VSS /IORD /WE /IREQ VDD CSEL Pin 40 41 42 44 Pin Name NC RESET /WAIT /REG No. Name No. Name No. Name No.
43 /INPACK 45 LOGICH 46 STSCHG 47 49 50 D8 D9 D10 VSS
/IOWR 48
24 /IOIS16 37
Recommended Operating Conditions Parameter Power Supply Voltage (VDD) Operating Temperature
Min. 4.5V 0
Typical 5V
Max. 5.5V 70
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product. Transcend reserves the right to make changes in specifications at any time without prior notice.
Transcend Information Inc.
2


▲Up To Search▲   

 
Price & Availability of TS0MCF2PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X